Part Number Hot Search : 
LQ11S44T IRS20957 MX7538BQ A8283SB KIC9459N 10200 103LF SA40A
Product Description
Full Text Search
 

To Download 74ACT11010DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  54act11010, 74act11010 triple 3-input positive-nand gates scas018a d2957, july 1987 revised april 1993 post office box 655303 ? dallas, texas 75265 copyright ? 1993, texas instruments incorporated 21 ? inputs are ttl-voltage compatible ? flow-through architecture to optimize pcb layout ? center-pin v cc and gnd configurations minimize high-speed switching noise ? epic  (enhanced-performance implanted cmos) 1-  m process ? 500-ma typical latch-up immunity at 125 c ? package options include plastic small-outline packages, ceramic chip carriers, and standard plastic and ceramic 300-mil dips description these devices contain three independent 3-input nand gates. they perform the boolean functions y = a  b  c or y = a + b + c in positive logic. the 54act11010 is characterized for operation over the full military temperature range of 55 c to 125 c. the 74act11010 is characterized for operation from 40 c to 85 c. function table (each gate) inputs output a b c y h h h l l xx h x lx h x x l h logic symbol 2 7 8 9 10 11 14 15 16 1 3c 3b 3a 2c 2b 2a 1c 1b 1a 3y 2y 1y 6 3 2 & 2 this symbol is in accordance with ansi/ieee std 91-1984 and iec publication 617-12. pin numbers shown are for the d, j, and n packages. 54act11010 . . . j package 74act11010 ...d or n p ackage logic diagram (positive logic) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1a 1y 2y gnd gnd 3y 3c 3b 1b 1c 2a v cc v cc 2b 2c 3a (top view) 3212019 910111213 4 5 6 7 8 18 17 16 15 14 2c 3a nc 3b 3c 1c 1b nc 1a 1y 54act11010 . . . fk package (top view) 2a nc 3y 2b 2y gnd nc nc no internal connection gnd 1y 1a 1b 2y 1c 2a 2b 2c 3y 3a 3b 3c v cc v cc 2 3 6 1 16 15 14 11 10 9 8 7 production data information is current as of publication date. products conform to specifications per the terms of texas instruments standard warranty. production processing does not necessarily include testing of all parameters. epic is a trademark of texas instruments incorporated.
54act11010, 74act11010 triple 3-input positive-nand gates scas018a d2957, july 1987 revised april 1993 post office box 655303 ? dallas, texas 75265 22 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) 2 supply voltage range, v cc 0.5 v to 6 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input voltage range, v i (see note 1) 0.5 v to v cc + 0.5 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . output voltage range, v o (see note 1) 0.5 v to v cc + 0.5 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input clamp current, i ik (v i < 0 or v i > v cc ) 20 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . output clamp current, i ok (v o < 0 or v o > v cc ) 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous output current, i o (v o = 0 to v cc ) 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous current through v cc or gnd 100 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range 65 c to 150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 stresses beyond those listed under aabsolute maximum ratingso may cause permanent damage to the device. these are stress rating s only and functional operation of the device at these or any other conditions beyond those indicated under arecommended operating conditi onso is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. note 1: the input and output voltage ratings may be exceeded if the input and output current ratings are observed. recommended operating conditions 54act11010 74act11010 unit min max min max unit v cc supply voltage 4.5 5.5 4.5 5.5 v v ih high-level input voltage 2 2 v v il low-level input voltage 0.8 0.8 v v i input voltage 0 v cc 0 v cc v v o output voltage 0 v cc 0 v cc v i oh high-level output current 24 24 ma i ol low-level output current 24 24 ma  t/  v input transition rise or fall rate 0 10 0 10 ns / v t a operating free-air temperature 55 125 40 85 c electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions v cc t a = 25 c 54act11010 74act11010 unit parameter test conditions v cc min typ max min max min max unit i oh =50  a 4.5 v 4.4 4.4 4.4 i oh = 50  a 5.5 v 5.4 5.4 5.4 v oh i oh =24ma 4.5 v 3.94 3.7 3.8 v v oh i oh = 24 ma 5.5 v 4.94 4.7 4.8 v i oh = 50 ma 3 5.5 v 3.85 i oh = 75 ma 3 5.5 v 3.85 i ol =50  a 4.5 v 0.1 0.1 0.1 i ol = 50  a 5.5 v 0.1 0.1 0.1 v ol i ol =24ma 4.5 v 0.36 0.5 0.44 v v ol i ol = 24 ma 5.5 v 0.36 0.5 0.44 v i ol = 50 ma 3 5.5 v 1.65 i ol = 75 ma 3 5.5 v 1.65 i i v i = v cc or gnd 5.5 v 0.1 1 1  a i cc v i = v cc or gnd, i o = 0 5.5 v 4 80 40  a  i cc one input at 3.4 v, 55v 09 1 1 ma  i cc , other inputs at gnd or v cc 5 . 5 v 0 . 9 1 1 ma c i v i = v cc or gnd 5 v 3.5 pf 3 not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms. this is the increase in supply current for each input that is at one of the specified ttl voltage levels rather than 0 v or v cc .
54act11010, 74act11010 triple 3-input positive-nand gates scas018a d2957, july 1987 revised april 1993 post office box 655303 ? dallas, texas 75265 23 switching characteristics over recommended ranges of supply voltage and free-air temperature (unless otherwise noted) (see figure 1) parameter from to t a = 25 c 54act11010 74act11010 unit parameter (input) (output) min typ max min max min max unit t plh any y 1.5 5.8 8.2 1.5 9.3 1.5 8.9 ns t phl an y y 1.5 5.7 7.4 1.5 8.7 1.5 8.2 ns operating characteristics, v cc = 5 v, t a = 25 c parameter test conditions typ unit c pd power dissipation capacitance per gate c l = 50 pf, f = 1 mhz 27 pf parameter measurement information voltage waveforms load circuit input (see note b) 1.5 v 1.5 v 50% v cc 50% v cc t phl t plh 3 v output v ol v oh 0 v from output under test c l = 50 pf (see note a) 500 w notes: a. c l includes probe and jig capacitance. b. input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 w , t r = 3 ns, t f = 3 ns. c. the outputs are measured one at a time with one input transition per measurement. figure 1. load circuit and voltage waveforms
54act11010, 74act11010 triple 3-input positive-nand gates scas018a d2957, july 1987 revised april 1993 post office box 655303 ? dallas, texas 75265 24
important notice texas instruments and its subsidiaries (ti) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. ti warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with ti's standard warranty. testing and other quality control techniques are utilized to the extent ti deems necessary to support this warranty. specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage (acritical applicationso). ti semiconductor products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical applications. inclusion of ti products in such applications is understood to be fully at the customer's risk. in order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. ti assumes no liability for applications assistance or customer product design. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of ti covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. ti's publication of information regarding any third party's products or services does not constitute ti's approval, warranty or endorsement thereof. copyright ? 1998, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of 74ACT11010DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X